Part Number Hot Search : 
S1D13 KBPC2501 CSC1220A MAX6795 1N4746A 74AC10SC P0618 565RT
Product Description
Full Text Search
 

To Download TM320240DGGU1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification for lcd module model no. tm320240 dg g u 1 prepared by: date: checked by : date: verified by : date: approved by: date: tianma microelectronics co., ltd
1/21 revision record date ref. page revision no. revision items check & approval
2/21 1 general specifications: 1.1 display type: stn 1.2 display color*: display color: white background: bl a ck 1.3 polarizer mode: transmissive/negative 1 . 4 v ie w ing a ngle: 12 :00 1.5 driving method: 1/240 duty 1/16 bias 1 . 6 backlight: ccfl ( 95 0 c d/ m2 ) * color tone is slightly changed by temperature and driving voltage. 1.7 driver: s6b2086x01-t0ra(ks0086tq) 1.8 data transfer: 8 bit parallel 1.9 operating temperature: 0----+50 storage temperature: -20----+60 1.10 outline dimensions: refer to outline drawing on next page 1.11 dot matrix: 320 x 240 dots 1.12 dot size: 0.33x0.33(mm) 1.13 dot pitch: 0.36x0.36 (mm) 1.14 weight: 260g

4/21 3 lcd module part numbering system tm 320240 d g g backlight type g: transmissive, ccfl backlight lcd type g : b la c k m o d e fs tn negat i ve module series module type 6 digits indicating 320 columns x 240 rows t: tianma m: module
5/21 4 circuit block diagram
6/21 5 absolute maximum ratings item symbol min. max. unit remark power supply voltage v dd v ss -0.3 6.0 lcd driving voltage v lcd - 28.0 v operating temperature range t op 0 +50 storage temperature range t st -20 +6 0 no condensation
7/21 6 electrical specifications and instruction code 6.1 electrical characteristics item symbol min. typ. max. unit supply voltage (logic) v dd v ss 4.75 5.0 5.25 v supply voltage (lcd drive) v lcd - 22.6 - v high v ih v dd =5.0 0.8v dd - v dd +0.3 v input signal voltage low v il v dd =5.0 0 - 0.2 v dd v supply current (logic) i dd (v dd - v ss =5.0v) - - 35.0 ma supply current (lcd drive) i ee - - 5.0 ma supply current (ccfl) i ccfl - 5.0 - ma
8/21 6.2 interface signals pin no. symbol level description 1 d0 h/l data bit 0 2 d1 h/l data bit 1 3 d2 h/l data bit 2 4 d3 h/l data bit 3 5 dispoff h/l h:display on; l:display off 6 flm h/l indicates the beginning of each display cycle 7 n.c. -- no signal 8 lp h l data latch pulse 9 cp h l data shift clock pulse 10 vcc 5.0v supply voltage for logic and lcd(+) 11 vss 0v ground 12 v ee -17.6v supply voltage for lcd(-) 13 vadj -- operating voltage for lcd(variable) 14 fg 0v frame ground
9/21 6.3 interface timing chart 8080 family interface timing ta=-20 to 75 deg. c v dd =4.5 to 5.5v v dd =2.7 to 5.5v signal symbol parameter min max min max unit condition t ah8 address hold time 10 - 10 - ns a0,cs t aw8 address setup time 0 - 0 - ns t cyc8 system cycle time see note. - see note. - ns wr,rd t cc strobe pulsewidth 120 - 150 - ns t ds8 data setup time 120 - 120 - ns t dh8 data hold time 5 - 5 - ns t acc8 rd access time - 50 - 80 ns d0 to d7 t oh8 output disable time 10 50 10 55 ns cl=100pf note for memory control and system control commands: t cyc8 = 2 t c + t cc + t cea + 75 > t acv + 245 for all other commands: t cyc8 = 4 t c + t cc + 30
10/21 6800 family interface timing ta=-20 to 75 deg. c v dd =4.5 to 5.5v v dd =2.7 to 5.5v signal symbol parameter min max min max unit condition t cyc6 system cycle time see note. - see note. - ns t aw6 address setup time 0 - 10 - ns a0,cs r/w t ah6 address hold time 0 - 0 - ns t ds6 data setup time 100 - 120 - ns t dh6 data hold time 0 - 0 - ns t oh6 output disable time 10 50 10 75 ns d0 to d7 t acc6 access time - 85 - 130 ns e t ew enable pulsewidth 120 - 150 - ns cl=100pf note for memory control and system control commands: t cyc8 = 2 t c + t cc + t cea + 75 > t acv + 245 for all other commands: t cyc8 = 4 t c + t ew + 30
11/21 6.4 instruction code code class command rd wr a0 d7 d6 d5 d4 d3 d2 d1 d0 command description number of bytes system set 1 0 1 0 1 0 0 0 0 0 0 initialize device and display 8 system cotrol sleep in 1 0 1 0 1 0 1 0 0 1 1 enter standby mode 0 disp on/off 1 0 1 0 1 0 1 1 0 0 d enable and disable display and display flashing 1 scroll 1 0 1 0 1 0 0 0 1 0 0 set display start address and display regions 10 csrform 1 0 1 0 1 0 1 1 1 0 1 set cursor type 2 cgram adr 1 0 1 0 1 0 1 1 1 0 0 set start address of character generator ram 2 csrdir 1 0 1 0 1 0 0 1 1 cd cd set direction of cursor movement 0 hdot scr 1 0 1 0 1 0 1 1 0 1 0 set horizontal scroll pos ition 1 display control ovlay 1 0 1 0 1 0 1 1 0 1 1 set display overlay format 1 csrw 1 0 1 0 1 0 0 0 1 1 0 set cursor address 2 drawing control csrr 0 1 1 0 1 0 0 0 1 1 1 read cursor address 2 mwrite 1 0 1 0 1 0 0 0 0 1 0 write to display memory - memory control mread 0 1 1 0 1 0 0 0 0 1 1 read from display memory - notes 1. in general,the internal registers of the sed1335f/1336f are modified as each command parameter is input.however,the microprocessor does not have to set all the parameters of a command and may send a new command before all parameters have been input.the internal registers for the parameters that have been input will have been changed but the remaining parameter registers are unchanged. 2-byte parameters (where two bytes are treated as 1 data item) are handled as follows: a.csrw,csrr:each byte is processed individuallly. the microprocessor may read or write just the low byte of the cursor address. b.system set,scroll,cgram adr:both parameter bytes are processed together.if the command is changed after half of the parameters has been input, the single byte is ignored. 2. apl and aph are 2-byte parameters, but are treated as two 1-byte parameters.
12/21 7 optical characteristics 7.1 optical characteristics ta=25 item symbol condition min. typ. max. unit x y =0 -30 -- 20 viewing angle y c r 2 x =0 -30 -- 30 deg contrast ratio c r x =0 y =0 3.0 - - turn on t on - - 350 response time turn off t off x =0 y =0 - - 350 ms
13/21 7.2 definition of optical characteristics 7.2.1 definition of viewing angle top top bottom bottom 7.2.2 definition of contrast ratio brightness state selected brightness state unselected = b2/b1 = ratio contrast measuring conditions: 1) ambient temperature: 25 ; 2) frame frequency: 64hz 7.2.3 definition of response time turn on time: t on = t d + t r turn off time: t off = t d + t f measuring condition: 1) operating voltage: 22.6v ; 2) frame frequency: 64hz
14/21 8 reliability 8.1 content of reliability test ta=25 no. test item content of test test condition 1 high temperature storage endurance test applying the high storage temperature for a long time 60 96h 2 low temperature storage endurance test applying the low storage temperature for a long time -20 96h 3 high temperature operation endurance test applying the electric stress (voltage current) and the thermal stress to the element for a long time 50 96h 4 low temperature operation endurance test applying the electric stress under low temperature for a long time 0 96h 5 high temperature /humidity storage endurance test applying the high temperature and high humidity storage for a long time 40 90%rh 96h 6 temperature cycle endurance test applying the low and high temperature cycle -20 25 60 25 30min 5min 30min 5min 1 cycle -20 /60 10 cycles 7 vibration test (package state) endurance test applying the vibration during transportation 10hz~150hz, 50m/s 2 , 40min 8 shock test (package state) endurance test applying the shock during transportation half- sine wave, 100m/s 2 , 11ms 9 atmospheric pressure test endurance test applying the atmospheric pressure during transportation by air 40kpa 16h
15/21 8.2 failure judgment criterion test item no. criterion item 1 2 3 4 5 6 7 8 9 failure judgement criterion basic specification out of the basic specification electrical specification out of the electrical specification mechanical specification out of the mechanical specification optical characteristic out of the optical specification note for test item refer to 8.1 remark basic specification = optical specification + mechanical specification
16/21 9 quality level inspection examination or test at t a =25 (unless otherwise stated) min. max. unit il aql external visual inspection under normal illumi-nation and eyesight condition, the dis-tance between eyes and lcd is 25cm. see appendix a ii major 1.0 minor 2.5 display defects under normal illumi-nation and eyesight condition, display on inspection. see appendix b ii major 1.0 minor 2.5 note: major defects: open segment or common, short, serious damages, leakage miner defects: others sampling standard conforms to gb2828
17/21 10 precautions for use of lcd modules 10.1 handling precautions 10.1.1 the display panel is made of glass. do not subject it to a mechanical shock by dropping it from a high place, etc. 10.1.2 if the display panel is damaged and the liquid crystal substance inside it leaks out, be sure not to get any in your mouth, if the substance comes into contact with your skin or clothes, promptly wash it off using soap and water. 10.1.3 do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. 10.1.4 the polarizer covering the display surface of the lcd module is soft and easily scratched. handle this polarizer carefully. 10.1.5 if the display surface is contaminated, breathe on the surface and gently wipe it with a soft dry cloth. if still not completely clear, moisten cloth with one of the following solvents: isopropyl alcohol ethyl alcohol solvents other than those mentioned above may damage the polarizer. especially, do not use the following: water ketone aromatic solvents 10.1.6 do not attempt to disassemble the lcd module. 10.1.7 if the logic circuit power is off, do not apply the input signals. 10.1.8 to prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment. a. be sure to ground the body when handling the lcd modules. b. tools required for assembly, such as soldering irons, must be properly ground. c. to reduce the amount of static electricity generated, do not conduct assembly and other work under dry conditions. d. the lcd module is coated with a film to protect the display surface. be care when peeling off this protective film since static electricity may be generated.
18/21 10.2 storage precautions 10.2.1 when storing the lcd modules, avoid exposure to direct sunlight or to the light of fluorescent lamps. 10.2.2 the lcd modules should be stored under the storage temperature range. if the lcd modules will be stored for a long time, the recommend condition is: temperature : 0 40 relatively humidity: 80% 10.2.3 the lcd modules should be stored in the room without acid, alkali and harmful gas. 10.3 the lcd modules should be no falling and violent shocking during transportation, and also should avoid excessive press, water, damp and sunshine.
19/21 appendix a inspection items and criteria for appearance defects items contents criteria leakage not permitted rainbow according to the limit specimen wrong polarizer attachment not permitted not counted max. 3 defects allowed bubble between polarizer and glass <0.3mm 0.3mm 0.5mm polarizer scratches of polarizer according to the limit specimen not counted max. 3 spots allowed x<0.2mm 0.2mm x 0.5mm black spot (in viewing area) x=(a+b)/2 not counted max. 3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 2.0mm max. 3 spots (lines) allowed progressive cracks not permitted
20/21 appendix b inspection items and criteria for display defects items contents critera open segment or open common not permitted short not permitted wrong viewing angle not permitted contrast radio uneven according to the limit specimen crosstalk according to the limit specimen not counted max.3 dots allowed x<0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max.2 dots allowed pin holes and cracks in segment (dot) a<0.1mm 0.1mm a 0.2mm d<0.25mm max.3 dots allowed not counted max.3 spots allowed x<0.1mm 0.1mm x 0.2mm black spot (in viewing area) x=(a+b)/2 not counted max.3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 0.5mm max.3 spots (lines) allowed
21/21 appendix b inspection items and criteria for display defects (continued) items content critera not counted max. 2 defects allowed x 0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max. 1 defects allowed a 0.1mm 0.1mm a 0.2mm d>0 max.3 defects allowed transfor- mation of segment max.2 defects allowed 0.8w a 1.2w a=measured value of width w=nominal value of width


▲Up To Search▲   

 
Price & Availability of TM320240DGGU1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X